3757 w. touhy ave., lincolnwood, il 60712 (847)675-1760 fax (847) 675-2850 www.illcap.com rls +85c low leakage height aluminum electrolytic capacitors features ? low leakage current ? lead free leads applications ? alternative for tantalums ? filtering ? timing circuits ? de-coupling specifications operating temperature range -40c to +85c capacitance tolerance + 20% at 120 hz, 20c wvdc 10 16 25 35 50 surge voltage svdc 13 20 32 44 63 wvdc 10 16 25 35 50 dissipation factor tan .2 .16 .14 .12 .1 2 minutes leakage current .002cv or 3ua,whichever is greater rated wvdc 10 16 25 35 50 -25c to +20c 3 2 2 2 2 low temperature stability impedance ratio (120 hz) -40c to +20c 6 4 4 3 3 2000 hours at 85c with rated wvdc capacitance change < 20% of initial measured value dissipation factor < 200% of maximum specified value load life leakage current > 100% of maximum specified value 1000 hours at 85c with no voltage applied capacitance change < 20% of initial measured value dissipation factor < 200% of maximum specified value shelf life leakage current > 100% of maximum specified value frequency (hz) temperature (c) cap 50 120 400 1k 10k 100k 85 70 60 30 c< 10 0.8 1.0 1.3 1.45 1.65 1.7 1.0 1.3 1.5 1.8 101000 0.8 1.0 1.11 1.17 1.25 1.28 1.0 1.3 1.5 1.8 d 5 6.3 8 10 12.5 s 2.0 2.5 3.5 5.0 5.0 d 0.5 0.5 0.6 0.6 0.6 d1=d+0.5mm d< 8mm, l 1 =l+1mm d>8mm, l 1 =l+1.5mm s 1 =s+ 0.5mm
rls +85c, low leakage 2000 hours capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 0.1 50 104rls050m 1657.86 6 5x11 0.15 50 154rls050m 1105.24 7 5x11 0.22 50 224rls050m 753.575 8 5x11 0.33 50 334rls050m 502.383 9 5x11 0.47 50 474rls050m 352.737 10 5x11 0.68 50 684rls050m 243.804 10 5x11 1 50 105rls050m 165.786 19 5x11 1.5 50 155rls050m 110.524 28 5x11 2.2 50 225rls050m 75.358 33 5x11 3.3 50 335rls050m 50.238 38 5x11 4.7 50 475rls050m 35.274 50 5x11 6.8 50 685rls050m 24.38 63 5x11 10 35 106rls035m 19.894 57 5x11 10 50 106rls050m 16.579 80 5x11 15 35 156rls035m 13.263 70 5x11 15 50 156rls050m 11.052 110 6.3x11 22 16 226rls016m 12.057 75 5x11 22 25 226RLS025M 10.55 81 5x11 22 35 226rls035m 9.043 100 6.3x11 22 50 226rls050m 7.536 140 6.3x11 33 16 336rls016m 8.038 95 5x11 33 35 336rls035m 6.029 120 6.3x11 33 50 336rls050m 5.024 170 8x11.5 47 10 476rls010m 7.0547 105 5x11 47 16 476rls016m 5.644 125 6.3x11 47 25 476rls025m 4.938 136 6.3x11 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 47 50 476rls050m 3.527 230 8x11.5 68 16 686rls016m 3.901 150 6.3x11 68 35 686rls035m 2.926 200 8x11.5 68 50 686rls050m 2.438 295 10x12.5 100 10 107rls010m 3.316 160 6.3x11 100 16 107rls016m 2.652 212 8x11.5 100 25 107rls025m 2.321 220 8x11.5 100 35 107rls035m 1.989 255 10x12.5 100 50 107rls050m 1.659 400 10x16 150 16 157rls016m 1.768 255 8x11.5 150 25 157rls025m 1.547 265 10x12.5 150 35 157rls035m 1.326 295 10x16 150 50 157rls050m 1.105 450 10x20 220 10 227rls010m 1.507 274 8x11.5 220 16 227rls016m 1.206 322 10x12.5 220 25 227rls025m 1.055 375 10x16 220 35 227rls035m 0.904 442 10x20 220 50 227rls050m 0.754 550 12.5x20 330 10 337rls010m 1.005 355 10x12.5 330 16 337rls016m 0.804 425 10x16 330 25 337rls025m 0.703 500 10x20 330 35 337rls035m 0.603 595 12.5x20 470 10 477rls010m 0.706 460 10x16 470 16 477rls016m 0.564 505 10x20 1000 10 108rls010m 0.332 805 12.5x20
|